|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.2x1.6mm SMD CHIP LED LAMP APT3216SYC SUPER BRIGHT YELLOW Features 3.2mmx1.6mm SMT LED, 0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT. Description The Super Bright Yellow device is made with DH InGaAlP (on GaAs substrate) light emitting diode chip. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Specifications are subject to change without notice. SPEC NO: DSAD0993 APPROVED: J. Lu REV NO: V.5 CHECKED: Allen Liu DATE: MAR/12/2005 DRAWN: Y.CHENG PAGE: 1 OF 4 ERP: 1203001983 Selection Guide Part No. Dice Lens Type Iv (mcd) @ 20mA Min. APT3216SYC SUPER BRIGHT YELLOW (InGaAlP) WATER CLEAR 36 Typ. 150 Viewing Angle 2 1/2 120 Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. Electrical / Optical Characteristics at TA=25C Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Typ. 590 588 28 25 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Super Bright Yellow 125 30 150 5 -40C To +85C Units mW mA mA V SPEC NO: DSAD0993 APPROVED: J. Lu REV NO: V.5 CHECKED: Allen Liu DATE: MAR/12/2005 DRAWN: Y.CHENG PAGE: 2 OF 4 ERP: 1203001983 Super Bright Yellow APT3216SYC SPEC NO: DSAD0993 APPROVED: J. Lu REV NO: V.5 CHECKED: Allen Liu DATE: MAR/12/2005 DRAWN: Y.CHENG PAGE: 3 OF 4 ERP: 1203001983 APT3216SYC Recommended Soldering Pattern (Units : mm) Tape Specifications (Units : mm) Remarks: If there is sorting requirement (eg. forward voltage, luminous intensity or wavelength), the condition as follows: 1.Wavelength: +/-1nm (Test condition is based on the sorting standard). 2.Luminous intensity: +/-15% (Test condition is based on the sorting standard). 3.Forward voltage: +/-0.1V (Test condition is based on the sorting standard). SPEC NO: DSAD0993 APPROVED: J. Lu REV NO: V.5 CHECKED: Allen Liu DATE: MAR/12/2005 DRAWN: Y.CHENG PAGE: 4 OF 4 ERP: 1203001983 |
Price & Availability of APT3216SYC |